|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
USB-4750 32-ch Isolated Digital I/O USB Module Features Compatible with USB 1.1/2.0 Bus-powered 16 isolated DI and 16 isolated DO channels High voltage isolation on all channels (2,500 VDC) High sink current on isolated output channels (100 mA/Channels) Supports 5 ~ 50 VDC isolated input channels Interrupt handling Timer/counter capability Suitable for DIN-rail mounting One lockable USB cable for secure connection included RoHS 2002/95/EC COMPLIANT Introduction The USB-4700 series consists of true Plug & Play data acquisition devices. No more opening up your computer chassis to install boards-just plug in the module, then get the data. It's easy and efficient. USB-4750 is a 32-channel isolated digital I/O module. With isolation protection of 2,500 VDC, and dry contact support, USB-4750 is ideal for industrial applications where high-voltage protection is required. Each I/O channel of the USB-4750 corresponds to a bit in an I/O port. This makes USB-4750 very easy to program. This module also offers a counter or timer and one digital input interrupt lines to a PC. So users can then easily do configurations by software. Reliable and rugged enough for industrial applications, yet inexpensive enough for home projects, the USB-4750 is the perfect way to add measurement and control capability to any USB capable computer. The USB-4750 is fully USB Plug & Play and easy to use. It obtains all required power from the USB port, so no external power connection is ever required. Specifications Isolated Digital Input Channels Input Voltage Interrupt Capable Ch. Isolation Protection 16 Logic 0: 2 V max. Logic 1: 5 V min. (60 V max.) or dry contact 2 2,500 VDC General USB 1.1/2.0 Onboard screw terminals 132 x 80 x 32 mm Typical: 200 mA @ 5 V Max.: 300 mA @ 5 V Operating Temperature 0 ~ 60 C (32 ~ 140 F) (refer to IEC 68-2-1, 2) Storage Temperature -20 ~ 70 C (-4 ~ 158 F) Storage Humidity 5 ~ 95% RH, non-condensing (refer to IEC 68-2-3) Bus Type I/O Connectors Dimensions (L x W x H) Power Consumption Isolated Digital Output Channels Output Type Isolation Protection Output Voltage Sink Current 16 Sink (NPN) 2,500 VDC 5 ~ 40 VDC 100 mA max. per channel Total 1.1 A max. Ordering Information USB-4750 1960004544 1960005788 32-ch Isolated Digital I/O USB Module Wallmount Bracket VESA Mount Bracket Isolated Counter Channels Resolution Max. Input Frequency Isolation Protection 2 32-bit 1 MHz 2,500 VDC Industrial USB I/O Modules |
Price & Availability of 1960004544 |